|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
V621ME07-LF PHASE NOISE (1 Hz BW, typical) 14118 Stowe Drive, Suite B | Poway, CA 92064 TEL: (858) 621-2700 | FAX: (858) 486-1927 URL: www.zcomm.com EMAIL: applications@zcomm.com Rev A1 Applications * Earthstations * Satellite Modems * Handheld Phones Application Notes * AN-101: Mounting and Grounding * AN-102: Output Loading * AN-107: Manual Soldering (f) (dBc/Hz) Voltage-Controlled Oscillator Surface Mount Module OFFSET (Hz) Performance Specifications Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance Pushing Pulling (14 dB Return Loss, Any Phase) Operating Temperature Range Package Style Power Supply Requirements Supply Voltage (Vcc, nom.) Supply Current (Icc) Additional Notes PIN 4 (MOD) is no connect or ground. Min 1658 Typ Max 1718 Units MHz dBc/Hz dBc Vdc MHz/V dBm pF MHz/V MHz C -106 -23 1 38 -3 .25 50 50 5 5 -40 MINI-14MS Min Typ 5 22 27 Max 85 3.5 -21 4 Units Vdc mA LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 1 of 2 FRM-S-002 B Voltage-Controlled Oscillator Surface Mount Module Tuning Curve, typ. 1770 1750 V621ME07-LF Rev A1 FREQUENCY (MHz) 1730 1710 1690 1670 1650 1630 1610 1590 1570 1550 0 0.5 1 1.5 2 2.5 3 3.5 4 85 C 25 C -40 C TUNING VOLTAGE (Vdc) Power Curve, typ. Footprint RECOMMENDED FOOTPRINT 6 5 4 3 2 1 0 -1 -2 -3 -4 1578 1610 1637 1659 1680 1700 1718 1736 1754 POWER OUTPUT (dBm) SEVERAL HOLES OF O 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING. 0.030 MIN. CUTBACK FROM LIVE PADS FREQUENCY (MHz) 85 C 25 C -40 C Physical Dimensions PIN CONFIGURATION P1 P2 P3 P4 REST Vt RF Out Vcc MOD GROUND Z-COMM XXXXXXXX-LF W/O# D/C PACKAGE MINI-14MS H 0.220 MINI-14MS-LOW 0.160 NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010 LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 2 of 2 FRM-S-002 B |
Price & Availability of V621ME07-LF |